Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download CL330 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CL330
3-Channel 30mA Linear LED Driver
Features
6% current accuracy @ 4.0 -15V 90V standoff voltage Separate enable pins for each channel allow for PWM dimming Over-temperature protection 8-Lead SOIC (w/Heat Slug) package
General Description
The CL330 is designed to drive 3 strings of LEDs at a constant current of 30mA. Other drivers with currents in the range of 20 - 30mA are available. The drive current is fixed, with a 6% tolerance over a VOUT range of 4 - 15V. Separate enable pins for each channel allow for PWM dimming, 3-step linear dimming, or individual disconnection of faulty LED strings. Over-temperature protection circuitry shuts down all 3 channels when the nominal die temperature reaches 135C. Normal operation resumes when the die temperature drops by 30C. The CL330 is available in the 8-Lead SOIC (w/Heat Slug) package and requires a single ceramic bypass capacitor which may be shared among several drivers.
Applications
LCD backlighting Indicator lamps
Block Diagram and Typical Application Circuit
6.5 - 90V
CIN 100nF
8 7 6 5
VIN
OUT1 VDD
OUT2
OUT3
REG Host Controller
1 2 3
EN1 EN2 EN3 GND
CL330
4
CL330
Ordering Information
Device CL330
-G indicates package is RoHS compliant (`Green')
Underside plate is ground
EN2 EN1 GND EN3
Pin Configuration
OUT3 OUT2 OUT1 VIN
8-Lead SOIC (w/Heat Slug) CL330SG-G
8-Lead SOIC (w/Heat Slug) (SG)
Absolute Maximum Ratings
Parameter Supply voltage, VIN Output voltage, VOUT Enable voltage, VEN Operating temperature Storage temperature
(1)
Product Marking
Value -0.5V to +100V -0.5V to +100V -0.5V to +6.5V -40C
YYWW
CL330
LLLL
YY = Year Sealed WW = Week Sealed L = Lot Number = "Green" Packaging
8-Lead SOIC (w/Heat Slug) (SG)
-65C to +150C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability. All voltages are referenced to device ground. Note: (1) Maximum junction temperature internally limited.
Recommended Operating Conditions (all voltages with respect to GND pin)
Sym VIN VOUT fEN TJ CIN Parameter Supply voltage Output voltage Enable toggling frequency Junction temperature VIN capacitor Min 6.5 4.0 0 -40 Typ 100 Max 90 15 90 100 119 Units V V V kHz
o
Conditions --EN = 0 EN = 1 -------
C
nF
Thermal Characteristics
Sym JA TLIM THYS Parameter Thermal resistance, junction to ambient Over-temperature limit Over-temperature hysteresis Min 120 Typ 48 135 30 Max 150 Units Conditions
O
C/W Mounted on JEDEC test PCB (2s 2p)
O O
C C
-----
2
CL330
Electrical Characteristics
(Over recommended operating conditions. Tj @ 25OC unless otherwise specified.)
Sym IIN IOUT(OFF) IOUT(ON) VEN(ON) VEN(OFF) CEN IENL IENH tON tRISE tOFF tFALL
Parameter VIN supply current Output current, off
Min -
Typ 220 2.2 4.0 30.0 30.0 5.0 2.0 1.0 130 170
Max 250 2.3 10 31.8 31.8 33.0 0.8 10 1.0 1.0 2.4 1.2 300 250
Units Conditions A mA A EN1-3 = 1 EN1-3 = 0 ENX = 1 ENX = 0, VOUT = 0 - 4.0V mA ENX = 0, VOUT = 4.0 - 15V ENX = 0, VOUT = 15 - 90V V V pF A A s s ns ns ------VEN = 0V VEN = 5.0V ---------
Output current, on
28.2 27.0
Enable voltage, on Enable voltage, off Enable input capacitance Enable low input current Enable high input current Enable on delay Output current rise time Enable off delay Output current fall time
2.4 -
Timing
VEN(OFF)
EN
VEN(ON)
tON tRISE
90% IOUT(ON)
tOFF tFALL
IOUT
10% IOUT(ON)
Temperature Effects
Current (Normalized to 25C)
1.05 1.00 0.95 0.90 0.85 0.80 -50
-40 25 120
0
50
100
150
Junction Temperature (C)
3
CL330
Load Regulation
1.20
IOUT (normalized to nominal)
1.00 0.80 0.60 0.40 0.20 scale change 0 0 5 10 15 20 40 60 80 100
VOUT (V)
Pin Description
Pin # 1,2,3 4 5,6,7 8 Underside Plate Name EN1, EN2, EN3 GND OUT1, OUT2, OUT3 VIN GND Description Output enable, active low. Circuit common. Constant current output (sinking). Connect the cathodes of the LEDs to these pins. Supply voltage. 6.5V to 90V. Bypass locally with a 100nF capacitor to ground. The exposed underside plate is internally connected to the GND pin. The plate may either be left floating or connected to ground. Solder the plate to an exposed copper area on the PCB for heatsinking purposes (see recommended layout).
Recommended PCB Layout
1cm2 exposed copper
Underside plate soldered to copper area Exposed copper area may be plated
1cm2 exposed copper
4
CL330
Higher LED Current
VLL
CIN 100nF
8 7 6 5
VIN
OUT1 VDD
OUT2
OUT3
REG Host Controller
1 2 3
EN1 EN2 EN3 GND
CL330
4
By paralleling outputs, higher LED currents can be achieved. In addition, linear dimming in 3 discrete steps may be obtained by enabling 1, 2, or 3 outputs.
Lowering CL330 Power Dissipation: Separate VIN Supply
VLL VIN CIN 100nF
8 7 6 5
VIN
OUT1 VDD
OUT2
OUT3
REG Host Controller
1 2 3
EN1 EN2 EN3 GND
CL330
4
CL330 power dissipation may be lowered by supplying the CL330 from a voltage source (VIN) that is lower in voltage than the LED supply (VLL).
5
CL330
Lowering CL330 Power Dissipation: Dropping Resistor
VLL RDROP CIN 100nF
8 7 6 5
VIN
OUT1 VDD
OUT2
OUT3
RDROP <
VLL(MIN) - 6.5V 2.3mA
REG Host Controller
1 2 3
where: RDROP = Dropping resistance VLL(MIN) = minimum supply voltage
EN1 EN2 EN3 GND
CL330
4
Lowering CL330 Power Dissipation: Zener Diode
VLL ZDROP CIN 100nF
8 7 6 5
VIN
OUT1 VDD
OUT2
OUT3
REG Host Controller
1 2 3
VZ < (VLL(MIN) - 6.5V)
where: VZ = Zener Voltage VLL(MIN) = minimum supply voltage
EN1 EN2 EN3 GND
CL330
4
6
CL330 8-Lead SOIC (w/Heat Slug) Package Outline (SG)
4.90x3.90mm body, 1.70mm height (max), 1.27mm pitch
D1
8 Exposed Thermal Pad Zone
D
8
1
Note 1 (Index Area D/2 x E1/2)
E1
E
E2
L2
Gauge Plane
1
1 L1
L
Seating Plane
Top View
A
Bottom View
View B
View B
h h A A2 e
Seating Plane Note 1
A1
b A
Side View
View A-A
Note 1: This chamfer feature is optional. If it is not present, then a Pin 1 identifier must be located in the index area indicated.The Pin 1 identifier may be either a mold, or an embedded metal or marked feature.
Symbol MIN Dimension NOM (mm) MAX
A 1.25 1.70
A1 0.00 0.15
A2 1.25 1.70
b 0.31 0.51
D 4.80 4.90 5.00
D1 3.30* 3.81*
E 5.80 6.00 6.20
E1 3.80 3.90 4.00
E2 2.29* 2.79*
e 1.27 BSC
h 0.25 0.50
L 0.40 1.27
L1
L2
0O 8
O
1 5O 15O
1.04 0.25 REF BSC
JEDEC Registration MS-012, Variation BA, Issue E, Sept. 2005. Dimensions marked with (*) are non-JEDEC dimensions. Drawings not to scale.
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-CL330 NR110907
7


▲Up To Search▲   

 
Price & Availability of CL330

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X